|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
M54HC4094 M74HC4094 8 BIT SIPO SHIFT LATCH REGISTER (3-STATE) .HI .LOWPOWERDI .HI .OUTPUTDRI .SYMMETRI .BALANCEDPROPAGATI .WI .PI GH SPEED fMAX = 73 MHz (TYP.) AT VCC = 5 V SSIPATION ICC = 4 A (MAX.) AT TA = 25 C GH NOISE IMMUNITY VNIH = VNIL = 28 % VCC (MIN.) VE CAPABILITY 10 LSTTL LOADS CAL OUTPUT IMPEDANCE |IOH| = IOL = 4 mA (MIN.) ON DELAYS tPLH = tPHL DE OPERATING VOLTAGE RANGE VCC (OPR) = 2 V TO 6 V N AND FUNCTION COMPATIBLE WITH 4094B B1R (Plastic Package) F1R (Ceramic Package) M1R (Micro Package) C1R (Chip Carrier) ORDER CODES : M54HC4094F1R M74HC4094M1R M74HC4094B1R M74HC4094C1R PIN CONNECTIONS (top view) DESCRIPTION The M54/74HC4094 is a high speed CMOS 8 BIT SIPO SHIFT LATCH REGISTER fabricated with silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption. This device consists of an 8-bit shift register and an 8-bit latch with 3-state output buffer. Data is shifted serially through the shift register on the positive going transition of the clock input signal. The output of the last stage (Qs) can be used to cascade several devices. Data on the Qs output is transferred to a second output (Qs') on the following negative transition of the clock input signal. The data of each stage of the shift register is provided with a latch, which latches data on the negative going transition of the STROBE input signal. When the STROBE input is held high, data propagates through the latch to a 3-state output buffer. This buffer is enabled when OUTPUT ENABLE input is taken high. All inputs are equipped with protection circuits against static discharge and transient excess voltage. February 1993 NC = No Internal Connection 1/12 M54/M74HC4094 LOGIC DIAGRAM LOGIC DIAGRAM 2/12 M54/ M74HC4094 TRUTH TABLE CK OE H H H L H L ST H H L X X X SI L H X X X X PARALLEL OUTPUT Q1 L H NC Z NC Z Qn Qn-1 Qn-1 NC Z NC Z SERIAL OUTPUT Qs Q7 Q7 Q7 Q7 NC NC Qs' NC NC NC NC Qs Qs X: Don't Care Z: High Impedance NC: No Change INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION PIN No 1 2 3 4, 5, 6, 7, 14, 13, 12, 11 9, 10 15 8 16 SYMBOL STROBE SERIAL IN CLOCK Q1 to Q7 NAME AND FUNCTION Strobe Input Serial Input Clock Input Parallel Outputs IEC LOGIC SYMBOL QS Q'S OE GND V CC Serial Outputs Output Enable Input Ground (0V) Positive Supply Voltage 3/12 M54/M74HC4094 ABSOLUTE MAXIMUM RATINGS Symbol VCC VI VO IIK IOK IO ICC or IGND PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source Sink Current Per Output Pin DC VCC or Ground Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 500 (*) -65 to +150 300 Unit V V V mA mA mA mA mW o o C C Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition isnotimplied. (*) 500 mW: 65 oC derate to 300 mW by 10mW/oC: 65 oC to 85 oC RECOMMENDED OPERATING CONDITIONS Symbol VCC VI VO Top tr, tf Parameter Supply Voltage Input Voltage Output Voltage Operating Temperature: M54HC Series M74HC Series Input Rise and Fall Time Value 2 to 6 0 to VCC 0 to VCC -55 to +125 -40 to +85 0 to 1000 0 to 500 0 to 400 Unit V V V C o C ns o VCC = 2 V VCC = 4.5 V VCC = 6 V 4/12 M54/ M74HC4094 DC SPECIFICATIONS Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 V OH High Level Output Voltage 2.0 4.5 6.0 4.5 VOL Low Level Output Voltage 6.0 2.0 4.5 6.0 4.5 6.0 II IOZ ICC Input Leakage Current 3 State Output Off State Current Quiescent Supply Current 6.0 6.0 VI = IO=-20 A VIH or V IL IO=-4.0 mA IO=-5.2 mA VI = IO= 20 A VIH or V IL IO= 4.0 mA IO= 5.2 mA VI = VCC or GND 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 0.5 4 TA = 25 oC 54HC and 74HC Min. Typ. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.37 0.37 1 5.0 40 Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 10 80 A A A V V 1.5 3.15 4.2 0.5 1.35 1.8 V V Unit VIH High Level Input Voltage Low Level Input Voltage V IL VI = VIH or VIL VO = VCC or GND 6.0 VI = VCC or GND 5/12 M54/M74HC4094 AC ELECTRICAL CHARACTERISTICS (C L = 50 pF, Input t r = tf = 6 ns) Test Conditions Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 tW(L) Minimum Pulse Width Minimum Set-up Time (SI) Minimum Set-up Time (ST) Minimum Hold Time (SI, ST) Input Capacitance Power Dissipation Capacitance 2.0 4.5 6.0 ts 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 5 140 6 30 35 TA = 25 C 54HC and 74HC Min. Typ. Max. 30 8 7 92 26 20 65 19 15 75 20 16 58 16 13 35 16 13 16 66 80 17 7 6 28 6 6 30 7 5 45 10 8 75 15 13 75 15 13 75 15 13 100 20 17 0 0 0 10 75 15 13 200 40 34 150 30 26 160 32 27 150 30 26 150 30 26 4.8 24 28 95 19 16 95 19 16 95 19 16 125 25 21 0 0 0 10 o Value -40 to 85 oC -55 to 125 oC 74HC 54HC Min. Max. Min. Max. 95 19 16 250 50 43 190 38 32 200 40 34 190 38 32 190 38 32 4 20 24 110 22 19 110 22 19 110 22 19 145 29 25 0 0 0 10 pF pF ns ns ns ns MHz 110 22 19 300 60 51 225 45 38 240 48 41 225 45 38 225 45 38 ns ns ns ns ns ns Unit tTLH tTHL tPLH tPHL tPLH tPHL tPLH tPHL tPZL tPZH tPHZ tPLZ fMAX Output Transition Time Propagation Delay Time (CLOCK - Qn) Propagation Delay Time (CLOCK - QS, Q'S) Propagation Delay Time (STROBE - Qn) 3 State Output Enable Time 3 State Output Disable Time Maximum Clock Frequency Minimum Pulse Width tW(H) tW(L) ns ts th CIN CPD (*) (*) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD *VCC *fIN + ICC/2 (per FLIP/FLOP) 6/12 M54/ M74HC4094 SWITCHING CHARACTERISTICS TEST WAVEFORM TEST WAVEFORM ICC (Opr.) C PD CALCULATION CPD is to be calculated with the following formula by using the measured value of ICC (Opr.) in the test circuit opposite. ICC (Opr) CPD= fIN x VCC In determining the typical value of CPD, a relatively high frequency of 1 MHz was applied to fIN, in order to eliminate any error caused by the quiescent supply current. 7/12 M54/M74HC4094 Plastic DIP16 (0.25) MECHANICAL DATA mm MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 inch TYP. MAX. DIM. P001C 8/12 M54/ M74HC4094 Ceramic DIP16/1 MECHANICAL DATA mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 0.51 0.38 17.78 2.79 0.55 1.52 0.31 1.27 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.020 3.3 0.015 0.700 0.110 0.022 0.060 0.012 0.050 0.406 0.317 0.200 TYP. MAX. 20 7 0.130 MIN. inch TYP. MAX. 0.787 0.276 DIM. P053D 9/12 M54/M74HC4094 SO16 (Narrow) MECHANICAL DATA DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010 P013H 10/12 M54/ M74HC4094 PLCC20 MECHANICAL DATA mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180 DIM. P027A 11/12 M54/M74HC4094 Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A 12/12 |
Price & Availability of 74HC4094 |